PART |
Description |
Maker |
TD3166 |
Solar Array Diode
|
Microsemi
|
MXP2001 |
Solar Array Diode Photovoltaic By-Pass Diode 50 Volts, 1.0 Amps
|
MICROSEMI[Microsemi Corporation]
|
ZHMA2901 ZHMA2911 |
Diode Array Diode Array; Case Size: 19x9 mm; Packaging: Bulk 0.1 A, 40 V, 6 ELEMENT, SILICON, SIGNAL DIODE Diode Array Diode Array 0.1 A, 40 V, 8 ELEMENT, SILICON, SIGNAL DIODE
|
Bourns, Inc. Nichicon, Corp.
|
CSPESD304G CSPESD304 |
The CSPESD304 is a quad ESD transient voltage supression diode array. 该CSPESD304四是瞬时电压压抑的ESD二极管阵列 4 Channel ESD Protection Array, Chip Scale Package The CSPESD304 is a quad ESD transient voltage supression diode array.
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
10BF20 10BF80 10BF10 10BF40 10BF60 10BF100 10BF100 |
DIODE 1 A, 600 V, SILICON, SIGNAL DIODE, DO-214AA, PLASTIC, SMB, 2 PIN, Signal Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 1000V 1A Ultra-Fast Discrete Diode in a SMB package 100V 1A Ultra-Fast Discrete Diode in a SMB package 200V 1A Ultra-Fast Discrete Diode in a SMB package 400V 1A Ultra-Fast Discrete Diode in a SMB package 600V 1A Ultra-Fast Discrete Diode in a SMB package 800V 1A Ultra-Fast Discrete Diode in a SMB package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
CMXTVS5-4 |
Low Capacitance, Quad TVS/Diode Array in the SOT-26 package
|
Central Semiconductor Corp
|
SRDA70-4 SRDA70-4TB SRDA70-4TE SRDA70-4.TB |
APPLICATION SPECIFIC DIODE ARRAY|SO RailClamp Low Capacitance TVS Diode Array RailClamp低电容二极管二极管阵
|
http:// SEMTECH[Semtech Corporation]
|
CMKTVS5-4 PB-CMKTVS5-1509 |
Low Capacitance, Quad TVS/Diode Array in SOT-363 package
|
Central Semiconductor Corp Central Semiconductor C...
|
MMAD1104E3 MMAD110405 |
Switching Diode Array Steering Diode TVS Array
|
Microsemi Corporation
|
302U010A 302U020A 302U030A 302U10A 302U60A 302UR02 |
STANDARD RECOVERY DIODES 50V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 400V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 100V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 1000V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 600V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 200V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 320 x 240 pixel format, CFL backlight available with power harness STANDARD RECOVERY DIODES 标准恢复二极
|
IRF[International Rectifier] International Rectifier, Corp.
|
85EPF02J 85EPF06J 85EPF02 85EPF04 85EPF04J 85EPF06 |
DIODE 85 A, 200 V, SILICON, RECTIFIER DIODE, TO-247AC, POWIRTAB-1, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 200V Fast Recovery Diode in a PowIRtab package 600V Fast Recovery Diode in a PowIRtab package Dual, 2-Channel, Simultaneous Sampling, PulSAR®, 500 kSPS, 16-Bit ADC; Package: LFCSP 7x7mm (5.25EP); No of Pins: 48; Temperature Range: Industrial
|
Vishay Semiconductors IRF[International Rectifier]
|